PART |
Description |
Maker |
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
KSA1281Y KSA1281 KSA1281O KSA1281OTA KSA1281YBU |
PNP Epitaxial Silicon Transistor Audio Power Amplifier 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
2SA949O 2SA949Y 2SA949 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AUDIO AMPLIFIER AND HIGH VOLTAGE SWITCHING APPLICATIONS TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 50MA I(C) | TO-92VAR 晶体管|晶体管|进步党| 150伏五(巴西)总裁| 50mA的一c)|2VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA Lumex, Inc.
|
MPS6562 |
PNP (AUDIO TRANSISTOR)
|
SAMSUNG[Samsung semiconductor]
|
BD506 BD506-1 BD506-5 BD508 BD508-1 BD508-5 BD510 |
PNP silicon audio transistor. 10 W, 20 V. PNP silicon audio transistor. 10 W, 30 V. PNP silicon audio transistor. 10 W, 40 V.
|
Motorola
|
SSM2220PZ SSM2220S-REEL SSM2220SZ SSM2220SZ-REEL |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
SSM2220S |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
NTE218 |
Silicon PNP Transistor Audio Power Output
|
NTE[NTE Electronics]
|
KSA1220A KSA1220 KSA1220AOS KSA1220AYS KSA1220AYST |
PNP Epitaxial Silicon Transistor Audio Frequency Power Amplifier High Frequency Power Amplifier 1.2 A, 160 V, PNP, Si, POWER TRANSISTOR, TO-126
|
Fairchild Semiconductor, Corp.
|